PART |
Description |
Maker |
MC14011BDG |
B-Suffix Series CMOS Gates
|
ON Semiconductor
|
AM29F160DB75FC AM29F160DT120FC AM29F160DT75FC AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory Switch Mode Power Supply; Series:SC40; Output Voltage:5V; Output Power Max:40W; Output Current:4A; Number of Outputs:3; Output Current 2:1A; Output Current 3:0.5A Triple 3-Input Positive-AND Gates 14-TSSOP -40 to 85 Triple 3-Input Positive-AND Gates 14-SO -40 to 85 Triple 3-Input Positive-AND Gates 14-TVSOP -40 to 85
|
http:// AMD Advanced Micro Devices, Inc.
|
HD74LV2G02A HD74LV2G00AUSE |
Dual 2input NOR Gates ?输入或非门 Dual 2-input NOR Gates From old datasheet system Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A
|
STMicroelectronics N.V. Renesas Electronics Corporation FAIRCHILD[Fairchild Semiconductor]
|
AMD27C256 AM27C256-120 AM27C256-120EC AM27C256-120 |
256 Kilobit (32,768 x 8-Bit) CMOS EPROM Circular Connector; No. of Contacts:5; Series:MS27497; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:14; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 8-input positive-NAND gates 14-SO 0 to 70 256千比特(32,768 × 8位)的CMOS存储 256 Kilobit (32,768 x 8-Bit) CMOS EPROM 256千比特(32,768 × 8位)的CMOS存储 256 Kilobit (32,768 x 8-Bit) CMOS EPROM 32K X 8 OTPROM, 90 ns, PDSO32 Quadruple 2-Input Multiplexers With Storage 16-PDIP 0 to 70 8-Line To 3-Line Priority Encoder 16-PDIP 0 to 70 Universal shift / storage registers 20-SOIC 0 to 70 8-input positive-NAND gates 14-SOIC 0 to 70 8-input positive-NAND gates 14-PDIP 0 to 70 8-Line To 3-Line Priority Encoder 16-SO 0 to 70 Hex Bus Drivers With 3-State Outputs 16-SOIC 0 to 70 256 Kilobit (32/768 x 8-Bit) CMOS EPROM
|
Cypress Semiconductor, Corp. Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
HD74ALVC2G32 HD74ALVC2G32USE |
Standard IC>General-Purpose Logics>Uni-Logic 74ALVC 1G/2G Series>74ALVC2G Series Dual 2-input OR Gates
|
Renesas Electronics Corporation
|
A14100AA-3RQ208I A1460AA-3RQ208I A14100A-RQ208C A1 |
FPGA, 200 CLBS, 1500 GATES, 125 MHz, PQFP100 FPGA, 200 CLBS, 1500 GATES, 200 MHz, PQCC84 FPGA, 848 CLBS, 6000 GATES, PQFP160 Accelerator Series FPGAs - ACT 3Family
|
Actel Corporation
|
256 600 120 ATL25_432 ATL25 ATL25_976 ATL25_100 AT |
ASIC 专用集成电路 From old datasheet system The ATL25 series gate array and embedded array families from Atmel are fabricated on a 0.25 micron CMOS process with 5 levels of metal. This family features arrays with up to 6.9 million routable gates and 976 pins. The high density and hi
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
AAT3236 AAT3236IGV-28-T1 AAT3236IGV-285-T1 AAT3236 |
Quadruple 2-Input Positive-AND Gates 14-SOIC 0 to 70 300mA CMOS High Performance LDO 300mA的LDO稳压器的CMOS高性能 Quadruple 2-Input Positive-AND Gates 14-SSOP 0 to 70 300mA的LDO稳压器的CMOS高性能
|
Advanced Analogic Technolog... ANALOGICTECH[Advanced Analogic Technologies] Advanced Analogic Technologies, Inc.
|
OR2T06A-5M84I OR2T08A-3S208 OR2T08A-3BA256 OR2T26A |
FPGA, 144 CLBS, 6900 GATES, PQCC84 FPGA, 196 CLBS, 9400 GATES, PQFP208 FPGA, 196 CLBS, 9400 GATES, PBGA256 FPGA, 576 CLBS, 27600 GATES, PBGA352 FPGA, 324 CLBS, 15600 GATES, PBGA352 FPGA, 324 CLBS, 15600 GATES, PBGA256 FPGA, 400 CLBS, 19200 GATES, PQCC84 FPGA, 256 CLBS, 12300 GATES, PBGA256 FPGA, 100 CLBS, 4800 GATES, PQCC84 FPGA, 256 CLBS, 12300 GATES, PQCC84 FPGA, 256 CLBS, 12300 GATES, PQFP240 FPGA, 900 CLBS, 43200 GATES, PBGA352 FPGA, 144 CLBS, 6900 GATES, PQFP208 FPGA, 100 CLBS, 4800 GATES, PQFP100 FPGA, 400 CLBS, 19200 GATES, PQFP208 FPGA, 256 CLBS, 12300 GATES, PQFP160 FPGA, 400 CLBS, 19200 GATES, PBGA352 FPGA, 400 CLBS, 19200 GATES, PBGA432 FPGA, 400 CLBS, 19200 GATES, PQFP240
|
LATTICE SEMICONDUCTOR CORP
|
|